Part Number Hot Search : 
M5817 C40S1 221M16 OB2288 TA0326A PC160 203D5 CCF6054K
Product Description
Full Text Search
 

To Download L2656-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED
Infrared LED
L2656 series
High power GaAlAs infrared LED
Features Applications
l High radiant output power l High reliability
l Optical switch l Automatic control system
s Absolute maximum ratings (Ta=25 C)
Parameter Forward current Reverse voltage Symbol IF VR IFP Topr Tstg
Condition
Pulse forward current Operating temperature Storage temperature
Pulse width=10 s Duty ratio=1 %
Value 80 5 1.0 -30 to +85 -40 to +100 *
Unit mA V A C C
* Guaranteed to resist temperature cycle test of up to 5 cycles.
s Electrical and optical characteristics (Ta=25 C)
Parameter Peak emission wavelength Spectral half width Forward voltage Pulse forward voltage Reverse current Radiant flux Radiant illuminance Rise time Fall time Symbol p VF VFP IR e PE tr tf Condition IF=50 mA IF=50 mA IF=50 mA IF=1 A VR=5 V IF=50 mA IF=50 mA IF=50 mA, 10 to 90 % IF=50 mA, 90 to 10 % Min. 870 13 -
L2656 Typ. 890 50 1.45 3.4 15 1.7 0.45 0.45
Max. 920 1.6 4.0 5 0.7 0.7
Min. 870 7.5 -
L2656-03 Typ. Max. 890 920 50 1.45 1.6 3.4 4.0 5 9 4.4 0.45 0.7 0.45 0.7
Unit nm nm V V A mW mW/cm2 s s
Infrared LED
s Emission spectrum
100 (Typ. Ta=25 C, IF=50 mA)
L2656 series
(Typ. Ta=25 C, tw=100 s, 0.1 %)
s Radiant flux vs. forward current
1000 (Typ. Ta=25 C, tw=100 s, 0.1 %)
s Forward current vs. forward voltage
1000
RELATIVE RADIANT OUTPUT (%)
80
100
L2656
60
FORWARD CURRENT (mA)
RADIANT FLUX (mW)
100
40
10
L2656-03
20
0 700
800
900
1000
1 1 10 100 1000
10 1.0
1.5
2.0
2.5
3.0
3.5
WAVELENGTH (nm)
KLEDB0201EA
FORWARD CURRENT (mA)
KLEDB0142EA
FORWARD VOLTAGE (V)
KLEDB0143EA
s Directivity
(Typ. Ta=25 C) 20 L2656 10 100 % 80 % 10 20
s Radiant output vs. ambient temperature
+3 (Typ. IF=50 mA)
s Allowable forward current vs. ambient temperature
(Typ.)
RELATIVE ALLOWABLE FORWARD CURRENT (%)
RELATIVE RADIANT OUTPUT (dB)
30
30
+2 +1 0 -1 -2 -3 -4 -5 -40
100
80
40
60 % L2656-03
40
60
50 60 70 80 90
40 %
50 60
40
20 %
70 80 90
20
-20
0
20
40
60
80
100
0 -40 -20 0 20 40 60 80 100
RELATIVE RADIANT OUTPUT (%)
KLEDB0144EA
AMBIENT TEMPERATURE (C)
KLEDB0145EA
AMBIENT TEMPERATURE (C)
KLEDB0027EB
s Allowable forward current vs. duty ratio
10 (Typ. Ta=25 C)
s Dimensional outlines (unit: mm) L2656
2.3 0.3
5.4 0.1 CLEAR EPOXY RESIN 4.2 0.1
L2656-03
5.4 0.2 4.65 0.1
ALLOWABLE FORWARD CURRENT (A)
PULSE WIDTH=1 s 1 PULSE WIDTH=10 s
1.12 0.1
0.1
0.45 LEAD 2.54 0.2
0.01 0.01 0.1 1 10 100
13.5
4.5 0.2
PULSE WIDTH=100 s
0.45 LEAD 2.54 0.2
DUTY RATIO (%)
KLEDB0038EA
COMMON TO CASE
COMMON TO CASE
KLEDA0069EA
13.5
KLEDA0070EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
6.65 0.2
Cat. No. KLED1024E01 Apr. 2001 DN


▲Up To Search▲   

 
Price & Availability of L2656-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X